PART |
Description |
Maker |
AD7453ART-REEL7 AD7453BRT-REEL7 EVAL-AD7453CB AD74 |
Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23 Pseudo Differential, 555 kSPS, 12-Bit A/D Converter in 8-Lead SOT-23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
AD7453BRT-REEL7 AD7453ART-REEL7 |
Pseudo Differential 555 kSPS 12-Bit A/D Converter in 8-Lead SOT-23
|
Analog Devices
|
AD7457BRT-REEL7 AD7457BRT-R2 |
Pseudo Differential Input 100 kSPS 12-Bit ADC in 8-Lead SOT-23
|
Analog Devices
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
AD7675 |
16-Bit, 100 kSPS Differential PulSARA/D Converter
|
Analog Devices
|
AD7684BRMRL AD7940 AD7680 AD7980 ADA4941 AD7684BRM |
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
|
Analog Devices
|
AD7453 |
Pseudo Differential, 600 kSPS, 12-Bit A/D Converter in 8-Lead SOT-23
|
Analog Devices
|
AD7684 AD7684BRM AD7684BRMRL7 EVAL-AD7684CB |
16-BIT Differential PulSAR® ADC in µSO8 16-Bit, 100 kSPS PulSAR Differential ADC in MSOP
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7688BRMZRL7 |
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
|
Analog Devices
|
AD7650 AD7679 AD7671 AD7660 |
16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC 16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC
|
Analog Devices
|
AD7610 EVAL-AD7610CB AD7951 AD7610BCPZ1 AD7610BCPZ |
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC AD7610 16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR® ADC
|
AD[Analog Devices]
|
EL45440712 |
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
|
Intersil Corporation
|